Part Number Hot Search : 
S3C80E5 AT54S BCR12 C3026 5253B 12GR5S MSMF05LC D1941
Product Description
Full Text Search
 

To Download 1MF103-100MF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? ? ? 1 ? 1mf series shielded power inductor a ccetek ? electronics ? (shenzhen) ? co., ? ltd. ?????????????????????? www.accetek.com ?????????????????? ?????????????????? ver.:1m f \ 2014a accetek ? a features ? shielded construction with low dcr ? saturation current rating up to 13.5 amps ? inductance ratings from 0.8 to 1000 h ? widely applications, highly recommend to use as buck, boost, or forward inductor ? operating temperature range from -40c to +125c (including self-heating) ? 260c reflow peak temperature qualified b part number system 1mf 105 - 100 m f ?? ?? ? ?? ?? ?? ? ?? series ?? dimension code (l*w*h) (mm) 1mf series code 103 (10.010.23.0) 104 (10.010.24.0) 105 (10.010.25.0) ?? inductance code e.g. calculation ?? inductance tolerance 2r2 2.2 h k 10% 100 1010 0 h = 10 h m 20% 101 1010 1 h = 100 h n 30% ?? rohs compliant c drawings and dimensions ? 1mf103 1mf104 xxx 10.00,3 [0,3940,012] 10,20,3 [0,4020,012] 3.00,1 [0,1180,004] 7,70,3 [0,3030,012] 3.0 max [0,118] land pattern 3,5 [0,138] 2.0 [0,079] 11.0 [0,433] xxx 10.00,3 [0,3940,012] 10,20,3 [0,4020,012] 3.00,1 [0,1180,004] 7,70,3 [0,3030,012] 4.0 max [0,157] land pattern 3,5 [0,138] 2.0 [0,079] 11.0 [0,433] 1mf105 schematic xxx 10.00,3 [0,3940,012] 10,20,3 [0,4020,012] 5.0 max [0,197] 3.00,1 [0,1180,004] 7,70,3 [0,3030,012] land pattern 3,5 [0,138] 2.0 [0,079] 11.0 [0,433] ? 1 2 xxx = inductance value
? ? ? 2 ? 1mf series shielded power inductor a ccetek ? electronics ? (shenzhen) ? co., ? ltd. ?????????????????????? www.accetek.com ?????????????????? ?????????????????? ver.:1m f \ 2014a accetek ? d specifications inductance 1 dcr 2 irms 3 isat 4 part number ? ) max. ( ? ) a a 1mf103-0r8nf 0.8 30% 0.0044 0.0057 8.30 11.20 1mf103-1r5nf 1.5 30% 0.0085 0.0110 5.80 8.00 1mf103-2r2nf 2.2 30% 0.0130 0.0169 5.10 6.70 1mf103-3r3nf 3.3 30% 0.016 0.021 4.70 5.56 1mf103-4r7nf 4.7 30% 0.023 0.030 4.00 4.65 1mf103-6r8nf 6.8 30% 0.027 0.035 3.60 3.84 1mf103-8r2nf 8.2 30% 0.038 0.050 3.00 3.54 1MF103-100MF 10 20% 0.045 0.059 2.80 3.18 1mf103-150mf 15 20% 0.070 0.091 2.05 2.60 1mf103-220mf 22 20% 0.110 0.143 1.60 2.16 1mf103-330mf 33 20% 0.155 0.202 1.35 1.74 1mf103-470mf 47 20% 0.230 0.299 1.20 1.40 1mf103-560mf 56 20% 0.250 0.325 1.15 1.36 1mf103-680mf 68 20% 0.330 0.429 0.95 1.22 1mf103-820mf 82 20% 0.380 0.494 0.80 1.14 1mf103-101mf 100 20% 0.525 0.683 0.70 1.02 1mf103-121mf 120 20% 0.580 0.754 0.65 0.89 1mf103-151mf 150 20% 0.670 0.871 0.51 0.84 1mf104-1r5nf 1.5 30% 0.0060 0.0081 6.50 10.00 1mf104-2r5nf 2.5 30% 0.0078 0.0105 6.10 7.50 1mf104-3r8nf 3.8 30% 0.0096 0.013 5.50 6.00 1mf104-5r2nf 5.2 30% 0.016 0.022 5.40 5.50 1mf104-7r0nf 7.0 30% 0.020 0.027 4.50 4.80 1mf104-100mf 10 20% 0.026 0.035 3.80 4.40 1mf104-120mf 12 20% 0.034 0.046 3.40 3.70 1mf104-150mf 15 20% 0.037 0.050 3.10 3.60 1mf104-180mf 18 20% 0.051 0.069 2.60 3.10 1mf104-220mf 22 20% 0.054 0.073 2.50 2.90 1mf104-270mf 27 20% 0.065 0.088 2.30 2.60 1mf104-330mf 33 20% 0.069 0.093 2.20 2.30 1mf104-390mf 39 20% 0.094 0.127 2.00 2.20 1mf104-470mf 47 20% 0.095 0.128 1.90 2.10 1mf104-560mf 56 20% 0.139 0.188 1.50 1.65 1mf104-680mf 68 20% 0.158 0.213 1.42 1.50 1mf104-820mf 82 20% 0.218 0.283 1.30 1.45 1mf104-101mf 100 20% 0.225 0.304 1.25 1.35 1mf104-121mf 120 20% 0.278 0.375 1.08 1.20 1mf104-151mf 150 20% 0.375 0.506 0.85 1.15 1mf104-181mf 180 20% 0.421 0.568 0.75 1.00 1mf104-221mf 220 20% 0.560 0.756 0.70 0.92 1mf104-271mf 270 20% 0.632 0.853 0.55 0.84 1mf104-331mf 330 20% 0.810 1.090 0.52 0.70 1mf104-471mf 470 20% 0.924 1.243 0.45 0.65 1mf105-0r8nf 0.8 30% 0.0033 0.0043 9.50 13.50 1mf105-1r5nf 1.5 30% 0.0045 0.0058 8.30 10.50 1mf105-2r2nf 2.2 30% 0.0056 0.0072 7.50 9.25 1mf105-3r3nf 3.3 30% 0.0080 0.0104 6.50 7.80 1mf105-4r7nf 4.7 30% 0.0095 0.0123 6.10 6.40 1mf105-6r8nf 6.8 30% 0.014 0.018 5.40 5.40 1mf105-8r2nf 8.2 30% 0.016 0.020 5.00 4.85 1mf105-100mf 10 20% 0.020 0.026 4.50 4.45 1mf105-120mf 12 20% 0.025 0.033 3.80 4.00 1mf105-150mf 15 20% 0.032 0.041 3.40 3.60 1mf105-180mf 18 20% 0.035 0.046 3.10 3.20
? ? ? 3 ? 1mf series shielded power inductor a ccetek ? electronics ? (shenzhen) ? co., ? ltd. ?????????????????????? www.accetek.com ?????????????????? ?????????????????? ver.:1m f \ 2014a accetek ? inductance 1 dcr 2 irms 3 isat 4 part number ? ) max. ( ? ) a a 1mf105-220mf 22 20% 0.047 0.061 2.90 2.95 1mf105-270mf 27 20% 0.053 0.069 2.60 2.70 1mf105-330mf 33 20% 0.065 0.084 2.50 2.40 1mf105-390mf 39 20% 0.082 0.106 2.25 2.30 1mf105-470mf 47 20% 0.100 0.130 2.00 2.00 1mf105-560mf 56 20% 0.115 0.149 1.90 1.90 1mf105-680mf 68 20% 0.155 0.201 1.60 1.65 1mf105-820mf 82 20% 0.175 0.227 1.45 1.50 1mf105-101mf 100 20% 0.195 0.253 1.35 1.35 1mf105-121mf 120 20% 0.233 0.303 1.18 1.28 1mf105-151mf 150 20% 0.285 0.370 1.10 1.12 1mf105-181mf 180 20% 0.322 0.419 1.00 1.04 1mf105-221mf 220 20% 0.385 0.500 0.94 0.94 1mf105-271mf 270 20% 0.512 0.672 0.80 0.84 1mf105-331mf 330 20% 0.625 0.812 0.73 0.75 1mf105-391mf 390 20% 0.733 0.953 0.70 0.70 1mf105-471mf 470 20% 0.992 1.289 0.54 0.60 1mf105-561mf 560 20% 1.100 1.430 0.52 0.54 1mf105-681mf 680 20% 1.230 1.599 0.51 0.52 1mf105-821mf 820 20% 1.360 1.768 0.48 0.50 1mf105-102mf 1000 20% 1.530 1.989 0.42 0.48 1. inductance measured @ 100khz, 0.3v at 25c temperature. 2. dcr measured @ 25c. 3. irms for an approximate 40c rise from 20c ambient temperature. 4. isat for approximate 35% roll off at 25c. 5. specifications subject to change without notice please check our website for latest information. e tape and reel specifications a b c e d w p p 0 p 1 h t 220 case size parts per reel reel dimensions ( ref ) ta p e dimensions ( ref ) a b c d e w p p 0 p1 h t 1mf103 1000 330 100 13 30 24.5 24 16 4 2 3.2 0.4 1mf104 1000 330 100 13 30 24.5 24 16 4 2 4.2 0.4 1mf105 500 330 100 13 30 24.5 24 16 4 2 5.2 0.4
? ? ? 4 ? 1mf series shielded power inductor a ccetek ? electronics ? (shenzhen) ? co., ? ltd. ?????????????????????? www.accetek.com ?????????????????? ?????????????????? ver.:1m f \ 2014a accetek ? f recommended soldering profile profile feature recommended conditions avera g e ram p -u p rate 3 c/second max. ( tsmax to t p) preheat temperature min (ts min ) 100 c temperature max (ts max ) 150 c time (ts min to ts max )(ts) 60-180 seconds t ime maintained above: temperature (t l ) 217 c time (t l ) 60-150 seconds peak tem p erature ( t p) see table2 t ime within 5 c of actual peak 20-40 seconds t em p erature ( t p) 2 ram p -down rate 6 c / second max. t ime 25 c to peak tem p erature 8 minutes max package volume mm 3 volume mm 3 volume mm 3 thickness <350 350 - 2000 >2000 < 1.6mm 260 c 260 c 260 c 1.6mm - 2.5mm 260 c 250 c 245 c >2.5mm 250 c 245 c 245 c ta b l e 2 ta b l e 1 1. the above profiles are based on ipc/jedec j-std-020c. 2. exceeding these conditions may cause lowered product reliability.


▲Up To Search▲   

 
Price & Availability of 1MF103-100MF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X